PART |
Description |
Maker |
MIC37152WR MIC37150-2.5BR MIC37150-3.3BR MIC37151- |
1.5A, Low Voltage 渭Cap LDO Regulator 1.5A, Low Voltage μCap LDO Regulator IC REG LDO 1.5A 1.5V 5SPAK 1.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5
|
Micrel Semiconductor, Inc.
|
MIC49150-0.9WR MIC49150-0.9YMM MIC49150-1.5WR MIC4 |
1.5A Low Voltage LDO Regulator w/Dual Input Voltages 0.9 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1.5A Low Voltage LDO Regulator w/Dual Input Voltages
|
Micrel Semiconductor MICREL INC
|
MIC37301-1.5BR MIC37301-1.5WR MIC37301-1.5YME MIC3 |
3.0A, Low-Voltage 渭Cap LDO Regulator 3.0A, Low-Voltage μCap LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5
|
Micrel Semiconductor MICREL INC
|
MIC37501-1.5WR MIC37501-1.65BR MIC37501-1.65WR MIC |
5A, Low Voltage 渭Cap LDO Regulator 5A, Low Voltage μCap LDO Regulator 1.65 V FIXED POSITIVE LDO REGULATOR, PSSO7
|
Micrel Semiconductor MICREL INC
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
LDR2533 LDR2533K7-R LDR2533PT-R LDR2518K7-R LDR332 |
VERY LOW DROP DUAL VOLTAGE REGULATOR VERY LOW DROP DUAL VOLTAGE REGULATOR 极低降双电压调节 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PS PPAK-5
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
MIC5233-5.0YM5 MIC5233-5.0BM5 MIC5233BM5 MIC5233-3 |
High Input Voltage Low IQ μCap LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
MIC37501-1.5BR MIC37502BR |
5A, Low voltage uCap LDO REgulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSSO7
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|